| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F446XC Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446XC Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 202 page ![]() DocID027107 Rev 6 51/202 STM32F446xC/E Pinout and pin description 66 - - - H6 61 VSS S - - - - -- - G6 62 VDD S - - - - - 41 J4 J7 63 PE10 I/O FT - TIM1_CH2N, QUADSPI_BK2_IO3, FMC_D7, EVENTOUT - - 42 - H8 64 PE11 I/O FT - TIM1_CH2, SPI4_NSS, SAI2_SD_B, FMC_D8, EVENTOUT - - 43 - J8 65 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, SAI2_SCK_B, FMC_D9, EVENTOUT - - 44 - K8 66 PE13 I/O FT - TIM1_CH3, SPI4_MISO, SAI2_FS_B, FMC_D10, EVENTOUT - - 45 - L8 67 PE14 I/O FT - TIM1_CH4, SPI4_MOSI, SAI2_MCLK_B, FMC_D11, EVENTOUT - - 46 - M8 68 PE15 I/O FT - TIM1_BKIN, FMC_D12, EVENTOUT - 29 47 H4 M9 69 PB10 I/O FT - TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, SAI1_SCK_A, USART3_TX, OTG_HS_ULPI_D3, EVENTOUT - - - - M10 70 PB11 I/O FT - TIM2_CH4, I2C2_SDA, USART3_RX, SAI2_SD_A, EVENTOUT - 30 48 J3 H7 71 VCAP_1 S - - - - 31 49 H3 - - VSS S - - - - 32 50 J2 G7 72 VDD S - - - - 33 51 G4 M11 73 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, SAI1_SCK_B, USART3_CK, CAN2_RX, OTG_HS_ULPI_D5, OTG_HS_ID, EVENTOUT - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |