| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F401CBU3 Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CBU3 Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 65/135 DocID024738 Rev 6 Table 21. Typical and maximum current consumption, code with data processing (ART accelerator disabled) running from SRAM Symbol Parameter Conditions fHCLK (MHz) Typ Max(1) Unit TA= 25 °C TA=85 °C TA=105 °C IDD Supply current in Run mode External clock, all peripherals enabled(2)(3) 84 20.2 21 22 23 mA 60 14.7 15 16 18 40 10.7 11 12 13 20 5.7 6 7 8 External clock, all peripherals disabled(3) 84 11.2 12 13 14 60 8.2 9 10 11 40 6.1 7 8 9 20 3.4 4 5 6 1. Guaranteed by characterization, unless otherwise specified. 2. When analog peripheral blocks such as ADC, HSE, LSE, HSI, or LSI are ON, an additional power consumption has to be considered. 3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the analog part. Table 22. Typical and maximum current consumption in run mode, code with data processing (ART accelerator enabled except prefetch) running from Flash memory- VDD = 1.8 V Symbol Parameter Conditions fHCLK (MHz) Typ Max(1) Unit TA = 25 °C TA = 85 °C TA = 105 °C IDD Supply current in Run mode External clock, all peripherals enabled(2)(3) 84 22.2 23 24 25 mA 60 14.5 15 16 17 40 10.7 11 12 13 30 8.6 9 10 11 20 7.0 8 9 10 External clock, all peripherals disabled(3) 84 11.5 12 13 14 60 7.7 8 9 10 40 5.6 6 7 8 30 4.5 5 6 7 20 3.8 5 6 7 1. Guaranteed by characterization, unless otherwise specified. 2. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only while the ADC is ON (ADON bit is set in the ADC_CR2 register). 3. When the ADC is ON (ADON bit set in the ADC_CR2), add an additional power consumption of 1.6mA per ADC for the analog part. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |