| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VIPER011XS Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER011XS Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 36 page ![]() VIPer01 General description DocID028751 Rev 1 25/36 4.15 Thermal shutdown If the junction temperature becomes higher than the internal threshold TSD (160 °C, typ.), the PWM is disabled. After tRESTART time, a single switching cycle is performed, during which the temperature sensor embedded in the power MOSFET section is checked. If a junction temperature above TSD is still measured, the PWM is maintained disabled for tRESTART time, otherwise it resumes switching with soft-start phase. During tRESTART VCC is maintained between VCSon and VCCon levels by the HV current source periodical activation. Such a behavior is summarized in below figure: Figure 32: Thermal shutdown timing diagram |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |