Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HMC499 Datasheet(PDF) 8 Page - Micross Components

No. de pieza HMC499
Descripción Electrónicos  Point-to-Multi-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSS [Micross Components]
Página de inicio  http://www.micross.com
Logo MICROSS - Micross Components

HMC499 Datasheet(HTML) 8 Page - Micross Components

  HMC499 Datasheet HTML 1Page - Micross Components HMC499 Datasheet HTML 2Page - Micross Components HMC499 Datasheet HTML 3Page - Micross Components HMC499 Datasheet HTML 4Page - Micross Components HMC499 Datasheet HTML 5Page - Micross Components HMC499 Datasheet HTML 6Page - Micross Components HMC499 Datasheet HTML 7Page - Micross Components HMC499 Datasheet HTML 8Page - Micross Components HMC499 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3
3 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled
and matched to 50 Ohms
2-4
Vdd1, 2, 3
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.01 μF are required.
5RFOUT
This pad is AC coupled
and matched to 50 Ohms.
6Vgg
Gate control for amplifier. Adjust to achieve Idd of 200 mA.
Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF
and 0.01 μF are required.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
Assembly Diagram
HMC499
v03.0908
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 21 - 32 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com