Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

USB84604 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza USB84604
Descripción Electrónicos  USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB84604 Datasheet(HTML) 5 Page - Microchip Technology

  USB84604 Datasheet HTML 1Page - Microchip Technology USB84604 Datasheet HTML 2Page - Microchip Technology USB84604 Datasheet HTML 3Page - Microchip Technology USB84604 Datasheet HTML 4Page - Microchip Technology USB84604 Datasheet HTML 5Page - Microchip Technology USB84604 Datasheet HTML 6Page - Microchip Technology USB84604 Datasheet HTML 7Page - Microchip Technology USB84604 Datasheet HTML 8Page - Microchip Technology USB84604 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
 2014-2016 Microchip Technology Inc.
DS60001295C-page 5
USB84604
The Hub Feature Controller adds advanced functionality to the USB84604 by enabling the host to send commands
directly to it via the upstream USB connection. The Hub Feature Controller includes a USB peripheral/slave controller
that receives commands which are contained in the USB data packet. The following functions can be controlled via com-
mands through the Hub Feature Controller:
•I2C over USB Bridging: The host can send commands through USB to any device connected to the hub through
the SMBus.
• UART over USB Bridging: The host can send commands through USB to any device connected to the hub
through the UART. For more details about UART functions refer to the SDK.
• SPI over USB Bridging: The host accesses to an attached SPI device as a pass-through operation.
• GPIO Control: The GPIOs on the hub can be dynamically configured and controlled by the host. For more details
about GPIO functions refer to the SDK.
• OTP Programming: Permanent customer configurations can be loaded to the One Time Programmable memory.
• FlexConnect support: FlexConnect allows the hub to dynamically change the physical ports that act as upstream
and downstream ports. For more details refer to the FlexConnect Applications [ 9].
• Access to configuration registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com