Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LAN91C111 Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza LAN91C111
Descripción Electrónicos  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 3Page - Microchip Technology LAN91C111 Datasheet HTML 4Page - Microchip Technology LAN91C111 Datasheet HTML 5Page - Microchip Technology LAN91C111 Datasheet HTML 6Page - Microchip Technology LAN91C111 Datasheet HTML 7Page - Microchip Technology LAN91C111 Datasheet HTML 8Page - Microchip Technology LAN91C111 Datasheet HTML 9Page - Microchip Technology LAN91C111 Datasheet HTML 10Page - Microchip Technology LAN91C111 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 7
LAN91C111
3.0
BLOCK DIAGRAMS
The diagram shown in Figure 3-1, "Basic Functional Block Diagram", describes the device basic functional blocks. The
Microchip LAN91C111 is a single chip solution for embedded designs with minimal Host and external supporting devices
required to implement 10/100 Ethernet connectivity solutions.
The optional Serial EEPROM is used to store information relating to default IO offset parameters as well as which of the
Interrupt line are used by the host.
FIGURE 3-1:
BASIC FUNCTIONAL BLOCK DIAGRAM
PHY
Core
Ethernet
MAC
LAN91C111
Internal IEEE 802.3 MII (Media
Independent Interface)
Serial
EEProm
(Optional)
ISA,Embedded
Processor
Transformer
RJ45
Minimal LAN91C111
Configuration
TX/RX Buffer (8K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More