| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
38-RB212C101Z95126 Datasheet(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
38-RB212C101Z95126 Datasheet(HTML) 1 Page - E-SWITCH |
|
|
1 / 1 page ![]() TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY RB212C101Z95-126 6/4/2013 38-RB212C101Z95126 B EBP 1 1 PANEL CUTOUT 5 4 4 1 Z95 SYMBOL DETAIL A 21149 RELEASE FOR PRODUCTION 6/4/13 EBP .80 `.30 .031 `.012 in [ ] POS. 1 POS. 2 SWITCH FUNCTION ON OFF OPEN 2-1, 5-4 22.00 - .00 .10 + .866 - .000 .004 + in [ ] ( x ) PANEL THICKNESS (x) O.75 - 1.25 30.0 1.25 - 2.00 30.2 2.00 - 3.00 30.5 NOTE: 1. DIMENSIONS IN MM [INCH] 2. GENERAL TOLERANCE: X.X = ± 0.4 X.XX = ± 0.25 3. TERMINAL NUMBERS FOR REF ONLY 4. CONTACT MATERIAL: SILVER 5. CONTACT RATINGS: 16A @ 125VAC T85 [cULUS] 8A @ 250VAC T85 [cULUS] 16(4)A 250V~ 1E4 T125/55 [ENEC] 6. CONTACT RESISTANCE: 20mΩ MAX. INITIAL 7. INSULATION RESISTANCE: 100MΩ MIN. @ 500VDC 8. DIELECTRIC STRENGTH: 1,000VAC FOR 1 MINUTE 9. ELECTRICAL LIFE: 6,000 CYCLES [cURUS] 10. OPERATING TEMPERATURE: -20°C TO 55°C [cURUS] 11. DENOTES CRITICAL PARAMETER 12. 2002/95/EC (ROHS) COMPLIANT 13. NEON LAMP VOLTAGE: 125V BODY COLOR: BLACK 31.60 [1.244 in] 25.00 [.984 in] 27.0 [1.06 in] 17.00 [.669 in] 2.00 [.079 in] 19.00 [.748 in] 24.0 [.94 in] 25.80 [1.016 in] 2 5 1 4 CIRCUIT: DPST MAINTAINED AMBER ILLUMINATED ACTUATOR 1 POS. 2 POS. 10.50 [.413 in] 10.00 [.394 in] 4.80 [.189 in] 21.8 [.86 in] BLACK INK THERMAL LAMINATING Z95 SYMBOL 66° .50 [.019 in] TYP n4.33 [.170 in] 3.42 [.135 in] 10.00 [.394 in] 4.40 [.173 in] n4.00 [.157 in] n1.50 [.059 in] 3.63 [.143 in] 5.72 [.225 in] 2.50 [.098 in] .61 [.024 in] 2.95 [.116 in] 9.50 [.374 in] 1.82 [.072 in] ( ) 1.82 [.072 in] 27.00 [1.063 in] B 21308 CORRECT HOUSING DIMS/LABELS 11/18/13 EBP B B B B B B B B B B B B |
Número de pieza similar - 38-RB212C101Z95126 |
|
Descripción similar - 38-RB212C101Z95126 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |