| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
323932 Datasheet(PDF) 5 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
323932 Datasheet(HTML) 5 Page - Tyco Electronics |
|
5 / 8 page ![]() LOC B Figure 9 2. Insert ground wire into ferrule. See Figure 10. On six smaller ferrules (Part No. 327192 and 323930 through 323934) slide the ground wire insulation under ferrule skirt approximately /16 inch. On five larger ferrules (Part No. 327137 through 327141. DO NOT slide the ground wire insulation under ferrule skirt. Figure 10 Hand Tool a.Open tool handles all the way. b.Place ferrule with shielded wire and ground wire attached in lower crimp area of dies. Push ferrule all the way into tool. See Figure 11. c.Hold ground wire and shielded wire in position and close handles until CERTI-CRIMP tool ratchet releases. Open handles and remove crimped ferrule.Pneumatic Tool Pneumatic Tool a.Place ferrule, with shielded wire and ground wire attached, in lower crimp area of dies. Push ferrule all the way into tool. See Figure 1 b.Hold ground wire and shielded wire in position and depress take-up lever to hold ferrule in place. c.Simultaneously release take-up lever and depress trigger to complete crimp. Release trigger and remove crimped ferrule. Figure 11 C. Ferrule Insulating Caps 1. Place insulating cap on ferrule as shown in Figure 12. 2. Insulating caps are color coded for easy matching with ferrule. To select correct insulating cap, refer to Figure 1. Figure 12 NOTE i 5 of 8 408-1662 Rev A |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |