| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
323934 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
323934 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 8 page ![]() LOC B Figure 1 2. Each set of dies consists of a male die and a female die. See Figure 4. 3. Pull female die holding pin out of tool. Close handles until male die holding screw is visible. See Figure 4. 4. Turn die holding screw slot in a vertical position. See Figure 4. 5. Insert male die into head of tool with the color coded groove facing operator. Do not attempt to insert dies into the tool while holding dies together. Dies are inserted into the tool separately. 6. Insert female die into bead of tool. Both color coded grooves should now be facing operator. 7. Turn male die holding screw slot 1/4 sum to left or right. 8. Open the handles slightly and push the female die down so that the hole in the female die lines up with the hole in the insert. Insert the female die holding pin. See Figure 5. Figure 2 Tool Primary Conductor Insulation Range (Inches) Crimping Die Number Ferrule Number Insulation Cap Die, Ferrule and Cap Color Code Zinc-Plated w/Inspctn Hole Tin-Plated w/Out Inspctn Hole Tin-Plated w/ Inspctn Hole 59500 and 69270-1 . 033 Max. . 45061-3 327192 2-327192- 1 -- 327768 GREEN .033 -.059 45062-3 323930 2-323930-1 2-32930-2 325009 VIOLET .059 -.085 45063-3 323931 2-323931-1 2-323931-2 325010 WHITE ‡ 085 -.095 45064-3 323932 2-323932-1 2-323932-2 325011 BROWN .095 -.115 45065-3 323933 2-323933-1 2-323933-2 325012 ORANGE .115 -.130 45066-3 323934 2-323934-1 2·323934-2 325013 GREEN 59500 .130 -.145 45238-2 327137 2-327137-1 2·327137·2 328224 VIOLET .145 -.184 45239-2 327138 2-327138-1 2-327138-2 328225 WHITE ‡ .184 -.220 45240-2 327139 2-327139-1 2-327139-2 328226 BROWN .220 -.245 45241-2 327140 2-327140-1 2-327140~2 328227 ORANGE .245 -.270 45158-2 327141 2-327141-1 2-327141-2 328228 GREEN NOTE i Conductors in Wire Multiply Factor Conductors in Wire Multiply Factor 2 2.00144.30 3 2.17154.45 4 2.42 16 4.60 5 2.57174.75 6 2.82 18 4.88 7 3.04195.01 8 3.25 20 5.14 9 3.45215.27 10 3.64 22 5.39 11 3.81 23 5.52 12 3.98 24 5.63 13 4.15 25 5.75 2 of 8 408-1662 Rev A |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |