Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

U2893B Datasheet(PDF) 2 Page - TEMIC Semiconductors

No. de pieza U2893B
Descripción Electrónicos  Modulation PLL for GSM, DCS and PCS Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2893B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U2893B Datasheet HTML 1Page - TEMIC Semiconductors U2893B Datasheet HTML 2Page - TEMIC Semiconductors U2893B Datasheet HTML 3Page - TEMIC Semiconductors U2893B Datasheet HTML 4Page - TEMIC Semiconductors U2893B Datasheet HTML 5Page - TEMIC Semiconductors U2893B Datasheet HTML 6Page - TEMIC Semiconductors U2893B Datasheet HTML 7Page - TEMIC Semiconductors U2893B Datasheet HTML 8Page - TEMIC Semiconductors U2893B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
U2893B
TELEFUNKEN Semiconductors
Rev. A1, 29-Jan-76
Preliminary Information
2 (14)
Pin Description
1
2
3
4
5
6
7
8
10
9
27
22
21
20
18
19
17
12
11
28
25
26
23
24
NMDO
VS1
VSP
CPO
GNDP
CPC
GND
MDO
PUMIX
MDLO
NI
I
NRF
RF
VS2
MIXLO
PU
GND
MIXO
GND
NND
VS3
NQ
Q
16
15
14
13
12495
RD
NRD
ND
MC
Figure 2. Pinning
Pin
Symbol
Function
1
I
In-phase baseband input
2
NI
Complementary to I
3
MDLO
I/Q-modulator LO input
4
GND 1)
Negative supply
5
MDO
I/Q-modulator output
6
NMDO
Complementary to MDO
7
VS1 3)
Positive supply (I/Q MOD)
8
VSP
Pos. supply charge-pump
9
CPO
Charge-pump output
10
GNDP 2)
Neg. supply charge pump
11
CPC
Charge-pump current control
(input)
12
PUMIX
Power-up, mixer only
13
RD
R-divider input
14
NRD
Complementary to RD
15
MC
Mode control
16
ND
N-divider input
17
NND
Complementary to ND
18
GND 1)
Negative supply
19
PU
Power-up, whole chip except
mixer
20
MIXLO
Mixer LO input
21
VS2 3)
Positive supply (MISC.)
22
RF
Mixer RF-input
23
NRF
Complementary to RF
24
GND 1)
Negative supply
25
MIXO
Mixer output
26
VS3 3)
Positive supply (mixer)
27
NQ
Complementary to Q
28
Q
Quad.-phase baseband input
1)
All GND pins must be connected to GND
potential. No DC voltage between GND pins!
2)
Max. voltage between GNDP and GND pins
v 200 mV
3)
The maximum permissible voltage difference
between pins VS1, VS2 and VS3 is 200 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com