| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTPH245 Datasheet(PDF) 44 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
LTPH245 Datasheet(HTML) 44 Page - Seiko Instruments Inc |
|
44 / 64 page ![]() 4-1 4 CONNECTING EXTERNAL CIRCUITS The printer has a FFC (Flexible Flat Cable) type connector and normal type connector (model No.51021-0900) made by Molex Co., Ltd. to connect to the external circuits. Use the recommended connectors listed in Table 4-1 to connect the printer firmly to the external circuits. Table 4-1 Recommended Connectors No. External Circuit Functions Number of Pins Recommended Connectors (in the external circuit side) 1 Thermal head control 20 Molex Co., Ltd. 52044-2010 (horizontal type) 52045-2010 (vertical type) 5597-20APB (horizontal type) 5597-20CPB (vertical type) 2 Motor control, Paper detector Platen position detection 9 Molex Co., Ltd. 53047-0910 (vertical type) 53048-0910 (horizontal type) 51047-0910 (transmission type) 4.1 THERMAL HEAD CONTROL TERMINALS Figure 4-1 shows the terminals configuration of the FFC thermal head control terminals. 20 1 Figure 4-1 Thermal Head Control Terminals CHAPTER |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |