Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SCDQ5542R Datasheet(PDF) 4 Page - OSRAM GmbH

No. de pieza SCDQ5542R
Descripción Electrónicos  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5542R Datasheet(HTML) 4 Page - OSRAM GmbH

  SCDQ5542R Datasheet HTML 1Page - OSRAM GmbH SCDQ5542R Datasheet HTML 2Page - OSRAM GmbH SCDQ5542R Datasheet HTML 3Page - OSRAM GmbH SCDQ5542R Datasheet HTML 4Page - OSRAM GmbH SCDQ5542R Datasheet HTML 5Page - OSRAM GmbH SCDQ5542R Datasheet HTML 6Page - OSRAM GmbH SCDQ5542R Datasheet HTML 7Page - OSRAM GmbH SCDQ5542R Datasheet HTML 8Page - OSRAM GmbH SCDQ5542R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2010-04-13
4
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
Package Outlines
Dimensions in mm (inch)
IDOD5001
4.75 (0.187)
2.83 (0.112)
Typical Package Outline & Matrix
3.4 (0.134)
19.91 (0.784)
SCDQ554XP SIP Package
1)
1.65 (0.065)
±0.38 (0.015)
5.96 (0.235) ±0.25 (0.010)
2 (0.079)
Tolerance-Non Cum.
Pin 1
0.3 (0.012) x 0.46 (0.018)
±0.05 (0.002)
SCDQ554XQ 90˚ SIP Package
1)
4.06 (0.160)
Pin 1
5.96 (0.235) ±0.38 (0.015)
2 (0.079) ±0.25 (0.010)
1)
Pin 1
4 (0.157)
9.98 (0.393) ±0.38 (0.015)
SCDQ554XR 90˚ Connector/Header Package
RoHS Compliant (lead-free) have a "Z" marked to the right of the date code.
2) Molex header, 53290-0510 mounted on the display.
3) Molex receptacle, 52418-0510 mounted on the customer’s PCB. Supplied by the customer.
Use Pin 1 designation on this drawing, not the Molex connector specification.
4) Unless otherwise specified all tolerances are ±0.25 (0.010).
±0.25 (0.010)
0.3 (0.012) x 0.46 (0.018)
±0.05 (0.002)
3)
1)
1)
1)
2)
1) Part marking is on this side of the display.
SCDQ554xx
OSRAM
YYWW
VZ
5)
5) Part marking
= Pin 1 Locator
V = Hue Bin (No Hue for red or orange)
Z = LI Bin
YYWW = Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16