Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATmega88 Datasheet(PDF) 5 Page - ATMEL Corporation

No. de pieza ATmega88
Descripción Electrónicos  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega88 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATmega88 Datasheet HTML 1Page - ATMEL Corporation ATmega88 Datasheet HTML 2Page - ATMEL Corporation ATmega88 Datasheet HTML 3Page - ATMEL Corporation ATmega88 Datasheet HTML 4Page - ATMEL Corporation ATmega88 Datasheet HTML 5Page - ATMEL Corporation ATmega88 Datasheet HTML 6Page - ATMEL Corporation ATmega88 Datasheet HTML 7Page - ATMEL Corporation ATmega88 Datasheet HTML 8Page - ATMEL Corporation ATmega88 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ASF
5
New and Noteworthy
Release ASF3.33 (Nov 2016)
•
Add SAMHA1-G support in ASF
•
Add SAM C21 SERCOM(RS485) example
•
Add SAM V71 USB host CDC example
Release ASF3.32 (Jul 2016)
•
Add SAMR30 support in ASF
•
Add SAM B11 ZR peripheral drivers support in ASF
•
Add BluSDK SMART 5.2 support
Release ASF3.31 (Apr 2016)
•
Update WINC3400 firmware to 1.0.2
•
Add BluSDK Smart 5.1
•
SAM L21 application examples:
• SAM L21 OPAMP as ADC Gain Amplifier
• SAM L21 CCL application example
•
SAM-BA use USB interface on SAM L21 XPRO board
•
SAM E70/V71: Enable the Cache on part of examples(Check the detail on "Issue #ASFP-5891" below)
Release ASF3.30 (Feb 2016)
•
Add BluSDK Smart 5.0
•
Update BluSDK5.0
•
SAM L22 application examples:
• CPU usage demonstration using DMAC
• Smart card example
• Low power application
• TCC features example
•
SAM4S XPRO examples:
• NAND flash examples
• SD/MMC examples
•
SAM-BA use USB interface on SAM D21 and L22 XPRO board
•
ADP: SAM4S and SAM L21 XPRO board support
Release ASF3.29 (Dec 2015)
•
Add SAM L22 RevB support
•
Add SAM E70 full support
• Service: USB HID/CDC/MSC/PHDC/Vendor device, GFX
• Component: Wifi WINC1500, MXT112S, AT30tse75x
• Third party: FreeRTOS 8.2.3, Sensor BON055,
•
Add Atmega 48PB,88PB,168PB devices and 168PB XMINI board support
•
Add SAMD11D14A-UUT device support
•
Add ATSAMR21ZLL-EK board support
•
Add ATSAMR21B18-MZ210PA and ATSAMR21G18-MR210UA module support
•
Add BluSDK4.0 (BLE 4.1) support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19