Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P87C766BDR Datasheet(PDF) 73 Page - NXP Semiconductors

No. de pieza P87C766BDR
Descripción Electrónicos  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C766BDR Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button P87C766BDR Datasheet HTML 69Page - NXP Semiconductors P87C766BDR Datasheet HTML 70Page - NXP Semiconductors P87C766BDR Datasheet HTML 71Page - NXP Semiconductors P87C766BDR Datasheet HTML 72Page - NXP Semiconductors P87C766BDR Datasheet HTML 73Page - NXP Semiconductors P87C766BDR Datasheet HTML 74Page - NXP Semiconductors P87C766BDR Datasheet HTML 75Page - NXP Semiconductors P87C766BDR Datasheet HTML 76Page - NXP Semiconductors P87C766BDR Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
1999 Mar 10
73
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
18.5
Summary of the Programming mode configuration
Table 87 Pin connections in Programming mode.
SYMBOL
PIN
EPROM CONNECTION
PROGRAM
OSD
P3.3/PWM7
12
A15
−
P5.7/PWM6
8
A14
−
P5.6/PWM5
7
A13
−
P5.5/PWM4
6
A12
A12
P5.4/PWM3
5
A11
A11
P5.3/PWM2
4
A10
A10
P5.2/PWM1
3
A9
A9
P5.1/PWM0
2
A8
A8
P1.4/T1
38
A7
A7
P1.3/INT0
37
A6
A6
P1.2/T0
36
A5
A5
P1.1/INT1
35
A4
A4
VSYNC
27
A3
A3
HSYNC
26
A2
A2
FB
25
A1
A1
R24
A0
A0
G23
OE
OE
B22
WE
WE
P0.7
20
data I/O, bit 7
data I/O, bit 7
P0.6
19
data I/O, bit 6
data I/O, bit 6
P0.5
18
data I/O, bit 5
data I/O, bit 5
P0.4
17
data I/O, bit 4
data I/O, bit 4
P0.3
16
data I/O, bit 3
data I/O, bit 3
P0.2
15
data I/O, bit 2
data I/O, bit 2
P0.1
14
data I/O, bit 1
data I/O, bit 1
P0.0
13
data I/O, bit 0
data I/O, bit 0
VPP
30
VPP
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com