| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC700 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LC700 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 10 page ![]() 3 Patient Care Unit with Standard Laminate or Optional Terreon® Top Installation Instructions LC700, LC750 Bradley Corporation • 215-1171 Rev. D; EN 04-1037 8/16/04 Installation Instructions Step 1: Unpack the Patient Care Unit 1. Remove the packaging around the Patient Care Unit. 2. Remove the door linkage by removing the nut fastened on the linkage bracket (see Figure 1). Note the location of the rod on the linkage bracket. 3. Lift out the trim piece around the water closet on the cabinet floor (see Figure 2). 4. Unfasten the two panel clips and slide the sliding back panel so that the panel lips unlock (see Figure 2). Bring the panel out of the front of the cabinet. 5. Remove the cabinet floor by removing the two screws holding the floor in place and sliding the cabinet floor out. 6. Remove the flexible hose, hose clamp, inlet nut and pipe from the water closet (see Figure 3). 7. Unbolt the water closet and cabinet assembly from the floor/template. Discard the shipping hardware for the water closet and cabinet, but DO NOT discard the plywood floor/template. Figure 2 Figure 1 DOOR LINKAGE ARM LINKAGE BRACKET CABINET FLOOR SCREWS STATIONARY BACK PLATE Figure 3 PANEL CLIP CABINET FLOOR TRIM PIECE SLIDING BACK PANEL INLET NUT FLEXIBLE HOSE HOSE CLAMP PIPE |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |