Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

9115 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza 9115
Descripción Electrónicos  Multi-ranging operation (output up to max power rating within maximum voltage and
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

9115 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  9115 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9115 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
v091616
5
www.bkprecision.com
Multi-Range Programmable DC Power Supplies
9115 Series
Specifications
Model
9115 & 9115-AT
9116
9117
Output Rating
Voltage
0 – 80 V
0 – 150 V
0 – 80 V
Current
0 – 60 A
0 – 30 A
0 – 120 A
Max Output Power
1200 W
3000 W
Load Regulation(1)(2)
Voltage
0.01 % + 5 mV
0.05 % + 30 mV
Current
0.1 % + 10 mA
0.1 % + 30 mA
Line Regulation(2)
Voltage
0.02 % + 1 mV
0.02 % + 20 mV
Current
0.02 % + 1 mA
0.02 % + 10 mA
Programming/Readback Resolution
Voltage
1 mV
3 mV
2 mV
Current
1 mA
3 mA
Programming/Readback Accuracy(2)
Voltage
0.02 % + 30 mV
0.05 % + 30 mV
Current
0.1 % + 60 mA
0.2 % + 30 mA
0.2% + 120 mA
Ripple (20 Hz – 20 MHz)
Voltage
≤ 60 mVpp
≤ 80 mVpp
Current
100 mArms
40 mArms
120 mArms
Temperature Coefficient (0 °C – 40 °C)(2)
Voltage
0.02 % + 30 mV
Current
0.05 % + 10 mA
Readback Temperature Coefficient (0 °C – 40 °C)(2)
Voltage
0.02 % + 30 mV
Current
0.05 % + 5 mA
General
Efficiency
73% (120 VAC)
75% (220 VAC)
75% (120 VAC)
80% (220 VAC)
80% (220 VAC)
Power Factor (full load)
0.99
0.99
0.99
Standard Interface
USB, GPIB, RS-232, RS-485
USB, GPIB, RS-232, RS-485, Ethernet
AC Input
115/230 VAC ± 10 %, 47 Hz – 63 Hz
220 VAC ± 10 %, 47 Hz – 63 Hz
Input Current (nominal)
13.8 A (120 VAC)
7.3 A (220 VAC)
13.3 A (120 VAC)
6.9 A (220 VAC)
17.1 A (220 VAC)
Operating Temperature
32 ° F – 104 ° F (0 °C – 40 °C)
Storage Temperature
-4 ° F – 158 ° F (-20 °C – 70 °C)
Safety
EN61010-1:2001, EU Low Voltage Directive 2006/95/EC
Electromagnetic Compatibility
Meets EMC Directive 2004/108/EC, EN 61000-3-2:2006,
EN 61000-3-3:1995+A1:2001+A2:2005
EN 61000-4-2/-3/-4/-5/-6/-11, EN 61326-1:2006
Dimensions (W x H x D)
16.32” x 1.75” x 19.02”
(414.5 x 44.5 x 483.2 mm)
17.19” x 3.52” x 20.95”
(436.5 x 89.3 x 532 mm)
Weight
18.74 lbs (8.5 kg)
37.48 lbs (17 kg)
One-Year Warranty
Included Accessories
User manual, AC power cord (9115, 9115-AT, and 9116 only), unterminated AC power cord with input connector (9117 only),
rackmount kit, certificate of calibration and test report
(1) With remote sense connected
(2) Accuracy specified as ±(% of output + offset) after a temperature stabilization time of 15 minutes over an ambient temperature range of 23 ºC ±5 ºC



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com