| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MB90F962 Datasheet(PDF) 19 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F962 Datasheet(HTML) 19 Page - Cypress Semiconductor |
|
19 / 57 page ![]() MB90960 Series 18 DS07-13749-3E ■ MEMORY MAP Note : The high-order portion of bank 00 gives the image of the FF bank ROM to make the small model of the C compiler effective. Since the low-order 16 bits are the same, the table in ROM can be referred without using the far specification in the pointer declaration. For example, an attempt to access 00C000H accesses the value at FFC000H in ROM. The ROM area in bank FF exceeds 32 Kbytes, and its entire image cannot be shown in bank 00. The image between FF8000H and FFFFFFH is visible in bank 00, while the image between FF0000H and FF7FFFH is visible only in bank FF. FFFFFFH FF0000H FEFFFFH FE0000H FDFFFFH FD0000H FCFFFFH FC0000H FBFFFFH FB0000H FAFFFFH FA0000H F9FFFFH 0000EFH 000000H F90000H F8FFFFH F80000H 00FFFFH 007FFFH 007900H 0078FFH 000100H 008000H MB90V340E-101/102 FFFFFFH FF0000H 0000EFH 000000H 00FFFFH 007FFFH 007900H 000CFFH 000100H 008000H MB90F962(S) RAM 30 Kbytes RAM 3 Kbytes 010000H FEFFFFH 0000F0H 0000FFH ROM (FF bank) ROM (FE bank) ROM (FD bank) ROM (FC bank) ROM (FB bank) ROM (FA bank) ROM (F9 bank) ROM (F8 bank) ROM (image of FF bank) Peripheral Peripheral ROM (FF bank) ROM (image of FF bank) Peripheral Peripheral : Access prohibited |