| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M30-06M-A-2-R Datasheet(PDF) 4 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
M30-06M-A-2-R Datasheet(HTML) 4 Page - Amphenol Corporation |
|
4 / 4 page ![]() M30 Specifications Two-wire,4to20mAoutput Electrical Supply Voltage 11 to 32 VDC (see diagram below for maximum loop resistance) Protected against reversal of polarity. Output limited to approximately 3.85 mA at low end of span and approximately 27 mA at upper end of span. 11 to 32 Vdc 1500 1000 500 0 Operating Region 0 10 20 30 40 Power Supply Voltage *Loop resistance = wire resistance + receiver resistance Power Supply Receiver 0 to 1050 W Enclosure Ground Wire Wire Modus M30 Series schematic diagram Ordering Information M30 Code Input Pressure (IP) X See standard pressure ranges tables on page 4 0 none Code Knockout Quantity (KQ) 1 One hole 2 Two holes Code Knockout Size (KS) R 1/2 in (12.7 mm) conduit S PG 11 T PG 13 M30 - ___ - ___ - ___ - ___ Typical model number. *If the measured differential pressure is expected to go from positive to negative, a transmitter with offset (elevated zero) should be ordered. Three options are available: “0” No offset. At zero differential pressure, the output signal is: 4 mA (4 to 20 mA range) Pressure excursion 0% to 100% of range, see standard pressure ranges tables on page 4 “A” 1/4 span offset. At zero differential pressure, the output signal is: • 8mA(4to20mArange) Pressure excursion -33% to 100% of range see standard pressure ranges tables on page 4 “B” 1/2 span offset. At zero differential pressure, the output signal is: • 12mA(4to20mArange) Pressure excursion -100% to 100% of range, see standard pressure ranges tables on page 4. To order: Determine the positive pressure range. From standard pressure ranges table on page 4, find the corresponding pressure code. Add the required offset (none, A, or B). For example, M30 05E A__, is a transmitter with a maximum range of 1 in of H2O at 20 mA and a minimum range of -0.33 in of H2O at 4 mA. Code Offset (O)* A 1/4 offset B 1/2 offset AAS-920-293G-03/2014 www.amphenol-sensors.com © 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice. Other company names and product names used in this document are the registered trademarks or trademarks of their respective owners. Amphenol Advanced Sensors |