Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NDK103C1R5 Datasheet(PDF) 1 Page - Amphenol Corporation

No. de pieza NDK103C1R5
Descripción Electrónicos  Designed for accurate temperature measurement, control and compensation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NDK103C1R5 Datasheet(HTML) 1 Page - Amphenol Corporation

  NDK103C1R5 Datasheet HTML 1Page - Amphenol Corporation NDK103C1R5 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Designedforaccuratetemperature
measurement,controlandcompensation
• TighttolerancesonresistanceandBvalue
• Operationupto311°F(155°C)with
excellentstability
• Smallbodysize
• Fastresponse
• Epoxyresinprovidesvoltageinsulation
• Suitableforautomotive,HVACandwhite
goodsapplications
• Limitedheatconductionalongmonel
(coppernickel)lead-wires
• RoHScompliant
NTCType
NDK
Thermometrics
Epoxy-Coated
ChipThermistor
Description
Arangeofepoxy-coatedchipswithbare0.007
in(0.2mm)tinnedmonellead-wires.
Amphenol
Advanced Sensors


Número de pieza similar - NDK103C1R5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
NDK AMPHENOL-NDK Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Nihon Kaiheiki Industry...
NDKC10H NKK-NDKC10H Datasheet
121Kb / 4P
8mm Process Sealed DIP Rotaries
NDKC10P NKK-NDKC10P Datasheet
121Kb / 4P
8mm Process Sealed DIP Rotaries
NDKC16H NKK-NDKC16H Datasheet
121Kb / 4P
8mm Process Sealed DIP Rotaries
NDKC16P NKK-NDKC16P Datasheet
121Kb / 4P
8mm Process Sealed DIP Rotaries
More results

Descripción similar - NDK103C1R5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1729 MAXIM-MAX1729 Datasheet
158Kb / 12P
ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation
19-1406; Rev 1; 1/99
logo
List of Unclassifed Man...
MF51E3270 ETC2-MF51E3270 Datasheet
610Kb / 3P
MF51E High Precision NTC Thermistors for Extremely Accurate Temperature Measurement
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
Measurement and Control
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
For reduced voltage and temperature compensation
logo
ams AG
AS5170 AMSCO-AS5170 Datasheet
1Mb / 47P
Accurate angle measurement
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
Accurate angle measurement
logo
Amphenol Corporation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
Designed for accurate temperature measurement, control and compensation
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com