| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IPSPLT Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
|
|||||||||||||||||||||||||||||
IPSPLT Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell |
|
1 / 2 page ![]() GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. ©2013 by Honeywell International Inc. All rights reserved. www.gamewell-fci.com 9021-60504 Rev. E page 1 of 2 IPDACT-2 IP Fire Alarm Communicator 7165-1703:0125 SIGNALING S1869 Approved FDNY: COA #6077 MEA Description The IPDACT-2 is a compact Internet Protocol Digital Alarm Communicator/Transmitter Module. It is designed to transmit status communication to a Cen- tral Station via the Internet. During an alarm, a super- visory, or a trouble event, the IPDACT-2, using the Contact-ID protocol from the fire alarm control panel, converts the standard DACT phone communication to a protocol that can be transmitted and received via the Internet. It can also test the connectivity between the fire alarm control panel and the Central Station. The IPDACT-2 operates in conjunction with the VisorALARM PLUS™ IP receiver located at the Cen- tral Station. The IPDACT-2 is designed to operate with the DACT-equipped panels used in the Gamewell-FCI's, E3 Series® and GF505/GF510 Flex Series Systems. The IP Communicator provides faster and more eco- nomic digital alarm transmissions, improving response times and decreasing costs found with tra- ditional analog systems. The IPDACT-2 offers value- added features such as supervised line functionality, which allows a Central Station to detect any off-line alarm panels within seconds. No backup analog phone line is necessary. However; customers can still use a traditional backup phone line from the panel's second phone port if desired. The panel operates normally during an alarm, a supervisory, or a trouble event and sends the Con- tact-ID formatted analog information from the tele- phone ports to the IP Communicator. The IP Communicator then reformats the data into highly encrypted Ethernet UDP packets for transmission to a compatible receiver at the Central Station. This feature allows seamless integration into existing con- ventional Central Station architectures. E3 Series® is a registered trademark of Honeywell International Inc. Microsoft® and Windows® are registered trademarks of Microsoft Corporation. VisorALARM PLUS™ is a trademark of Teldat Corporation. UL® is a registered trademark of Underwriters Laboratories Inc. Features • Listed under UL® Standard 864, 9th Edition. • Operates with the Gamewell-FCI's E3 Series panels equipped with DACT-E3 units and GF505/GF510 Flex Series Systems. • Saves the cost of two dedicated phone lines. Only the customer's shared IP equipment is required. • Provides compatibility to newer low-cost, non-analog, digital telephone services such as cable, or fiber optics. • Increases connection supervision to the Central Station from the once-a-day test signal to once every 90 seconds. • Requires no change to the existing panel configuration. The IP Communicator connects directly to the primary and secondary analog panel telephone ports. • Produces fast alarm transmission (less than 10 second transmission time). • Performs over any type of customer-provided Ethernet 10/100Base network connection (LAN or WAN), DSL modem or cable modem. • Transmits data over standard Contact-ID protocol but is secured with the industry's highest level of encryption (AES 512 bit). • Supports both dynamic (DHCP) or Public and Private Static IP addressing. • Maintains dual-destination IP receiver address for high redundancy configurations: all signals are sent to a sec- ondary address should the primary become unavail- able. • Offers user programmable UDP ports for flexibility and compatibility with firewalls and other network security components. IPDACT-2 |
Número de pieza similar - IPSPLT |
|
Descripción similar - IPSPLT |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |