Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB91155 Datasheet(PDF) 21 Page - fujitsu semiconductor

No. de pieza MB91155
Descripción Electrónicos  32-bit Proprietary Microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB91155 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91155 Datasheet HTML 17Page - fujitsu semiconductor MB91155 Datasheet HTML 18Page - fujitsu semiconductor MB91155 Datasheet HTML 19Page - fujitsu semiconductor MB91155 Datasheet HTML 20Page - fujitsu semiconductor MB91155 Datasheet HTML 21Page - fujitsu semiconductor MB91155 Datasheet HTML 22Page - fujitsu semiconductor MB91155 Datasheet HTML 23Page - fujitsu semiconductor MB91155 Datasheet HTML 24Page - fujitsu semiconductor MB91155 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
MB91F155A/MB91155/MB91154
21
3.
Registers
The family of FR microcontrollers has two types of registers : the registers residing in the CPU which are dedicated
to applications and the general-purpose registers residing in the memory.
• Dedicated registers :
• Program status (PS)
The PS register holds program status and is further divided into three registers which are a Condition Code
Register (CCR) , a System condition Code Register (SCR) , and an Interrupt Level Mask register (ILM) .
Program counter (PC)
: A 32-bit register to indicate the location where an instructions is stored.
Program status (PS)
: A 32-bit register to store a register pointer or a condition code.
Tablebase register (TBR)
: Holds the vector table lead address used when EIT (exceptions/interrupt/
trap) is processed.
Return pointer (RP)
: Holds the address to return from a subroutine to.
System stack pointer (SSP)
: Points to the system stack space.
User stack pointer (USP)
: Points to the user stack space.
Multiplication and division result register (MDH/MDL) : A 32-bit multiplication and division register.
PC
PS
TBR
RP
SSP
USP
MDH
MDL
Program counter
Program status
Tablebase register
Return pointer
System stack pointer
User stack pointer
Multiplication and division register
(Undefined)
(Undefined)
(Undefined)
(Undefined)
(Undefined)
XXXX XXXXH
XXXX XXXXH
XXXX XXXXH
XXXX XXXXH
XXXX XXXXH
0000 0000H
000F FC00H
32 bit
Initial value
PS
ILM4 ILM3 ILM2
ILM
SCR
CCR
ILM1 ILM0
D1
D0
T
S
I
N
Z
V
C
0
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
31




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com