| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WS9931 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
WS9931 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd |
|
2 / 6 page ![]() www.winsemi.com Tel : +86-755-8250 6288 Fax : +86-755-8250 6299 2/6 WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WINSEMI MICROELECTRONICS WS9931 Product Description Pin Configuration and Marking Information The WS9931 is available in ESOP-8 Package. The top marking is shown as below: Pin Definition(Note: the heat sink at the bottom is connected to Pin 5.) Name Pin No. Description VCC 1 Power Supply NC 2/3/4/6 NA LEDN 5 The negative pin of LED series GND 7/8 Ground Pin Internal Block Diagram WS9931EP:Product Code A:Product Code X:Internal Code BCY:Internal Code for QC YMX:D/C |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |