Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADN2843 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADN2843
Descripción Electrónicos  10.709 Gbps Laser Diode Driver Chipset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2843 Datasheet(HTML) 4 Page - Analog Devices

  ADN2843 Datasheet HTML 1Page - Analog Devices ADN2843 Datasheet HTML 2Page - Analog Devices ADN2843 Datasheet HTML 3Page - Analog Devices ADN2843 Datasheet HTML 4Page - Analog Devices ADN2843 Datasheet HTML 5Page - Analog Devices ADN2843 Datasheet HTML 6Page - Analog Devices ADN2843 Datasheet HTML 7Page - Analog Devices ADN2843 Datasheet HTML 8Page - Analog Devices ADN2843 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
ADN2843
PIN CONFIGURATIONS
ADN2845 METALLIZATION PHOTOGRAPH
GND
VCC
VCC
VCC
NC
NC
IMODP
IBIAS
GND
IBIAS_CTRL
ALS IMOD_CTRL
GND
DATAP
GND
DATAN
1340 m
( 20 m)
1140 m
( 20 m)
NC
VCC
(IMODN TERM)
IMPD
ASET
GND
PSET
IMPD2
ERSET
FAIL
IDTONE
ALS
IMMON
DEGRADE
GND
GND
IBMON
IMPDMON
IMPDMON2
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
910
11
12
13
14
15
16
ADN2844
BOND PAD SIZE: >115 m
BOND PAD PITCH: >104 m
DIE SIZE: 3000 m
2390 m
DATAN
GND
NC
DATAP
GND
VCC
(IMODN TERM)
NC
IMODP
NC
IBIAS
1
ADN2845
PAD PITCH: 200 m
MAXIMUM DIE SIZE: 1.16mm
1.36mm
DIE THICKNESS: 0.25mm
SINGLE PAD SIZE: 92 m
92 m
DOUBLE PAD SIZE: 151 m
92 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com