| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC072AIP Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC072AIP Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 51 page ![]() Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TLC073AIDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073AIDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073AIN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC073AINE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC073CD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073CDGQ ACTIVE MSOP- Power PAD DGQ 10 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073CDGQR ACTIVE MSOP- Power PAD DGQ 10 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073CDGQRG4 ACTIVE MSOP- Power PAD DGQ 10 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073CDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073CDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073CN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC073CNE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC073ID ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073IDGQ ACTIVE MSOP- Power PAD DGQ 10 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073IDGQR ACTIVE MSOP- Power PAD DGQ 10 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073IDGQRG4 ACTIVE MSOP- Power PAD DGQ 10 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073IDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC073IN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC073INE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC074AID ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC074AIDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC074AIDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TLC074AIN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPD Level-NC-NC-NC PACKAGE OPTION ADDENDUM www.ti.com 13-Sep-2005 Addendum-Page 4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |