| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TM133FVB2 Datasheet(PDF) 3 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
TM133FVB2 Datasheet(HTML) 3 Page - Pulse A Technitrol Company |
|
3 / 12 page ![]() EMC Immunity and Radiated Emissions Tests Radiated Emissions, FCC Class B, 6 dB margin IEC 1000-4-2 ESD Test Method Performance Criteria B, Level 2 IEC 1000-4-3 Radiated Immunity Performance Criteria A, Level 3 (10V/m) IEC 10004-4 EFT Test Method Performance Criteria B, Level 3 (at I/O port) Criteria A: The system shall continue to operate normally. The EUT shall be deemed to have passed the immunity tests if no bit errors occur when receiving data over the cable. Changes of state, reset condition, unrecoverable jab condition, blocked network, or loss of packets is unacceptable. Criteria B: The system shall operate normally with no data errors through the loop after the test. During the test, data errors, aborted frames and collisions are acceptable. No change of operating state such as system reset or unrecoverable condition is permitted during or after the test. Product Qualification Test Outline V. Subgroup V (6 pieces) Thermal shock Per MIL-STD-202, Method 107, Condition A-1, except temperature range shall be -20° C to +125° C, 25 cycles Vibration Per MIL-STD-202, Method 204D, Condition D, 20G peak acceleration, 10 Hz to 2 KHz and return to 10 Hz traversed in 6 minutes Shock Per MIL-STD-202, Method 213B, Condition J, 30G, 11msec shock, 3 shocks in each direction along mutually perpendicular axes VI. Subgroup VI (6 pieces) Life Test Per MIL-STD-202, Method 108, 1000 hours at a temperature of 75° C VII. Subgroup VII (8 pieces) Humidity Test Humidity test @ 40° C, and 90% humidity (4 pieces) VIII. Subgroup VIII (6 pieces) Electrostatic Discharge, ESD Classification The ESD classification to be derived from ESD testing per IEC801-2, EN50082-1, Criteria B NOTE: There shall be 0 (zero) rejects allowable for each of the subgroups. I. Subgroup I (all devices - 40 pieces) Electrical tests at 25° Receiver (Rx) tests - Jitter (total peak-to-peak) Transmit (TX) tests - CMI Mask Test (rise time, fall time, and amplitude) - Jitter (total peak-to-peak) Total power supply current II. Subgroup II (4 pieces) External visual inspection Resistance to solvents per MIL-STD-202, Method 215H - 1 part isopropyl alcohol, 3 parts mineral spirits - Trichloroethane - Terpene defluxer with a minimum of 90% d-limonene and 10% surfactant - 42 parts water, 1 part propylene glycol monomethyl ether, 1 part monoethanolamine Terminal strength per MIL-STD-883, Method 2004.5 - Lead tension III. Subgroup III (4 pieces) Solderability Per MIL-STD-202, Method 208, with a 4-hour steam age IV. Subgroup IV (6 pieces) Resistance to soldering heat Hand solder (2 pieces), solder dip temperature of 430 ±5° C for 3 seconds maximum Vapor phase reflow (4 pieces) for a period of 60 seconds at a temperature of 215 +5/-0° C TWO PEARL BUCK COURT BRISTOL, PA 19007-6812 TEL 215-781-6400 FAX 215-781-6403 www.pulsespecialty.com Fibre Channel Module — 3 PULSE SPECIALTY COMPONENTS |