| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMF100CIWM Datasheet(PDF) 26 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMF100CIWM Datasheet(HTML) 26 Page - National Semiconductor (TI) |
|
26 / 28 page ![]() 3.0 Applications Information (Continued) signals. In noise-sensitive applications, a ratio of 100:1 will result in 3 dB lower output noise for the same filter configu- ration. The accuracy of the f CLK/f0 ratio is dependent on the value of Q. This is illustrated in the curves under the heading “Typical Performance Characteristics”. As Q is changed, the true value of the ratio changes as well. Unless the Q is low, the error in f CLK/f0 will be small. If the error is too large for a spe- cific application, use a mode that allows adjustment of the ra- tio with external resistors. DS005645-35 FIGURE 25. The Sampled-Data Output Waveform www.national.com 26 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |