| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASIMRF172 Datasheet(PDF) 1 Page - Advanced Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASIMRF172 Datasheet(HTML) 1 Page - Advanced Semiconductor |
|
|
1 / 1 page ![]() A D V A N C E D S E M I C O N D U C T O R, I N C. REV. A 7525 ETHEL AVENUE • NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004 1/1 Specifications are subject to change without notice. CHARACTERISTICS TC = 25 °C NONE SYMBOL TEST CONDITIONS MINIMUM TYPICAL MAXIMUM UNITS BVDSS IDS = 50 mA 65 V IDSS VDS = 28 V VGS = 0 V 5.0 mA IGSS VDS = 0 V VGS = 20 V 1.0 µµµµA VGS(th) ID = 50 mA VDS = 10 V 1.0 5.0 V gfs ID = 2.5 A VDS = 10 V 1.5 mho Ciss Coss Crss VDS = 28 V VGS = 0 V f = 1.0 MHz 200 110 20 pF PG ηηηη D VDD = 28 V IDQ = 50 mA Pout = 80 W f = 150 MHz 10 50 dB % ψ ψ ψ ψ VSWR = 30:1 AT ALL PHASE ANGLES NO DEGRADATION IN OUTPUT POWER VHF POWER MOSFET N-Channel Enhancement Mode MRF172 DESCRIPTION: The ASI MRF172 is Designed for wideband large-signal output and driver stages in the 2.0-200 MHz frequency range. FEATURES: • P G = 10 dB Min. at 150 MHz • 30:1 Load VSWR Capability • Omnigold™ Metalization System MAXIMUM RATINGS ID 9.0 A VDSS 65 V VGS ±40 V PDISS 220 W @ TC = 25 °C TJ -65 °C to +200 °C TSTG -65 °C to +150 °C θθθθ JC 0.8 °C/W PACKAGE STYLE .380 4L FLG ORDER CODE: ASI10830 MINIMUM inches / mm .970 / 24.64 B C D E F G A MAXIMUM .385 / 9.78 .980 / 24.89 inches / mm H .160 / 4.06 .180 / 4.57 DIM .220 / 5.59 .230 / 5.84 .105 / 2.67 .085 / 2.16 I J .240 / 6.10 .255 / 6.48 .785 / 19.94 F B G .125 Ø.125 NOM. FULL R D E C H .112 x 45° A I J .004 / 0.10 .006 / 0.15 .280 / 7.11 .720 / 18.29 .730 / 18.54 S S D G |
Número de pieza similar - ASIMRF172 |
|
Descripción similar - ASIMRF172 |