Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P89C58X2BA Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza P89C58X2BA
Descripción Electrónicos  80C51 8-bit Flash microcontroller family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C58X2BA Datasheet(HTML) 2 Page - NXP Semiconductors

  P89C58X2BA Datasheet HTML 1Page - NXP Semiconductors P89C58X2BA Datasheet HTML 2Page - NXP Semiconductors P89C58X2BA Datasheet HTML 3Page - NXP Semiconductors P89C58X2BA Datasheet HTML 4Page - NXP Semiconductors P89C58X2BA Datasheet HTML 5Page - NXP Semiconductors P89C58X2BA Datasheet HTML 6Page - NXP Semiconductors P89C58X2BA Datasheet HTML 7Page - NXP Semiconductors P89C58X2BA Datasheet HTML 8Page - NXP Semiconductors P89C58X2BA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Philips Semiconductors
Preliminary data
P89C51X2/52X2/54X2/58X2
80C51 8-bit Flash microcontroller family
4K/8K/16K/32K Flash
2
2002 Jun 06
DESCRIPTION
The Philips microcontrollers described in this data sheet are
high-performance static 80C51 designs. They are manufactured in
an advanced CMOS process and contain a non-volatile Flash
program memory. They support both 12-clock and 6-clock operation.
The P89C51X2 and P89C52X2/54X2/58X2 contain 128 byte RAM
and 256 byte RAM respectively, 32 I/O lines, three 16-bit
counter/timers, a six-source, four-priority level nested interrupt
structure, a serial I/O port for either multi-processor
communications, I/O expansion or full duplex UART, and on-chip
oscillator and clock circuits.
In addition, the devices are static designs which offer a wide range
of operating frequencies down to zero. Two software selectable
modes of power reduction — idle mode and power-down mode —
are available. The idle mode freezes the CPU while allowing the
RAM, timers, serial port, and interrupt system to continue
functioning. The power-down mode saves the RAM contents but
freezes the oscillator, causing all other chip functions to be
inoperative. Since the design is static, the clock can be stopped
without loss of user data. Then the execution can be resumed from
the point the clock was stopped.
SELECTION TABLE
For applications requiring more Flash and RAM, as well as more
on-chip peripherals, see the P89C66x and P89C51Rx2 data sheets.
Type
Memory
Timers
Serial Interfaces
Max.
Freq.
at 6-clk
/ 12-clk
(MHz)
Freq.
Range
at
3V
(MHz)
Freq.
Range
at
5V
(MHz)
P89C58X2
256B
–
–
32K
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
20/33
–
0–20/33
P89C54X2
256B
–
–
16K
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
20/33
–
0–20/33
P89C52X2
256B
–
–
8K
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
20/33
–
0–20/33
P89C51X2
128B
–
–
4K
3
–
–
–
n
–
–
–
–
32
6 (2)
n
12–clk
6-clk
20/33
–
0–20/33
NOTE:
1. I2C = Inter-Integrated Circuit Bus; CAN = Controller Area Network; SPI = Serial Peripheral Interface; PCA = Programmable Counter Array;
ADC = Analog-to-Digital Converter; PWM = Pulse Width Modulation
DEVICE COMPARISON TABLE
Item
P89C5xX2 devices (this data
sheet)
P89C5xBx devices (separate data
sheet)
P89C5xUxx devices
(discontinued)
Type Description
P89C5xX2Bxx/P89C5xX2Fxx
P89C5xBx
P89C5xUBxx/P89C5xUFxx
PROGRAMMING
ALGORITHM
When using a parallel programmer,
be sure to select P89C5xX2 devices.
IF DEVICES ARE NOT YET
SELECTABLE ASK YOUR
PROGRAMMER VENDOR FOR A
SOFTWARE UPDATE
When using a parallel programmer,
be sure to select P89C5xBx devices.
IF DEVICES ARE NOT YET
SELECTABLE ASK YOUR
PROGRAMMER VENDOR FOR A
SOFTWARE UPDATE
When using a parallel programmer,
be sure to select P89C5xUxxx
devices.
Quad Flat Package
type
LQFP package (P89C5xX2xBD)
LQFP package (P89C5xBBD)
PQFP package (P89C5xUxBB)
Package identifiers
PLCC = A
LQFP = BD
PDIP = N
PLCC = A
LQFP = BD
PDIP = P
PLCC = AA
LQFP = BB
PDIP = PN
Flash Memory program
and erase cycles
10,000 program and erase cycles
10,000 program and erase cycles
100 program and erase cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com