| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FT230XQ-R Datasheet(PDF) 42 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT230XQ-R Datasheet(HTML) 42 Page - Future Technology Devices International Ltd. |
|
42 / 44 page ![]() Copyright © Future Technology Devices International Limited 42 FT230X USB TO BASIC UART IC Version 1.4 Document No.: FT_000566 Clearance No.: FTDI# 260 Appendix B - List of Figures and Tables List of Figures Figure 2.1 FT230X Block Diagram ...................................................................................................4 Figure 3.1 QFN Schematic Symbol ..................................................................................................7 Figure 3.2 SSOP Schematic Symbol ................................................................................................9 Figure 6.1 Bus Powered Configuration ........................................................................................... 22 Figure 6.2 Self Powered Configuration ........................................................................................... 23 Figure 6.3 Bus Powered with Power Switching Configuration ............................................................ 24 Figure 7.1 Application Example showing USB to RS232 Converter ..................................................... 25 Figure 7.2 Application Example Showing USB to RS485 Converter .................................................... 26 Figure 7.3 USB to RS422 Converter Configuration........................................................................... 27 Figure 7.4 USB Battery Charging Detection (1 pin).......................................................................... 28 Figure 7.5 USB Battery Charging Detection (2 pin).......................................................................... 29 Figure 7.6 USB Battery Charging Detection (3 pin).......................................................................... 30 Figure 7.7 Dual LED Configuration ................................................................................................ 31 Figure 7.8 Single LED Configuration .............................................................................................. 31 Figure 8.1: Simplified memory map for the FT-X ............................................................................ 34 Figure 9.1 SSOP-16 Package Dimensions ....................................................................................... 35 Figure 9.2 SSOP-16 Package Markings .......................................................................................... 36 Figure 9.3 QFN-16 Package Dimensions......................................................................................... 37 Figure 9.4 QFN-16 Package Markings ............................................................................................ 38 Figure 9.5 FT230X Solder Reflow Profile......................................................................................... 39 List of Tables Table 3.1 Power and Ground ..........................................................................................................7 Table 3.2 Common Function pins ....................................................................................................7 Table 3.3 UART Interface and CBUS Group (see note 1) ....................................................................8 Table 3.4 Power and Ground ..........................................................................................................9 Table 3.5 Common Function pins ....................................................................................................9 Table 3.6 UART Interface and CBUS Group (see note 1) .................................................................. 10 Table 3.7 CBUS Configuration Control ........................................................................................... 12 Table 5.1 Absolute Maximum Ratings ............................................................................................ 16 Table 5.2 ESD and Latch-Up Specifications .................................................................................... 16 Table 5.3 Operating Voltage and Current ....................................................................................... 17 Table 5.4 I/O Pin Characteristics VCCIO = +3.3V (except USB PHY pins) ........................................... 18 Table 5.5 I/O Pin Characteristics VCCIO = +2.5V (except USB PHY pins) ........................................... 19 Table 5.6 I/O Pin Characteristics VCCIO = +1.8V (except USB PHY pins) ........................................... 20 Table 5.7 USB I/O Pin (USBDP, USBDM) Characteristics .................................................................. 21 Table 5.8 MTP Memory Characteristics........................................................................................... 21 Table 5.9 Internal Clock Characteristics ......................................................................................... 21 Table 8.1 Default Internal MTP Memory Configuration ..................................................................... 33 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |