Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MM74C244 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza MM74C244
Descripción Electrónicos  Octal Buffers and Line Drivers with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C244 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MM74C244 Datasheet HTML 1Page - National Semiconductor (TI) MM74C244 Datasheet HTML 2Page - National Semiconductor (TI) MM74C244 Datasheet HTML 3Page - National Semiconductor (TI) MM74C244 Datasheet HTML 4Page - National Semiconductor (TI) MM74C244 Datasheet HTML 5Page - National Semiconductor (TI) MM74C244 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AC Test Circuits and Switching Time Waveforms
tpd0 tpd1
TLF5905 – 10
CMOS to CMOS
TLF5905 – 11
t1H and tH1
t1H
tH1
TLF5905 – 12
TLF5905 – 13
Note
VOH is defined as the DC output high voltage when the device is loaded with
a1kX resistor to ground
t0H and tH0
t0H
tH0
TLF5905 – 14
TLF5905 – 15
Note
VOL is defined as the DC output low voltage when the device is loaded with a
1kX resistor to VCC
Note
Delays measured with input tr tf s 20 ns
5



Html Pages

1 2 3 4 5 6