Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MATRIX-M24SR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza MATRIX-M24SR
Descripción Electrónicos  Various antenna designs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MATRIX-M24SR Datasheet(HTML) 2 Page - STMicroelectronics

  MATRIX-M24SR Datasheet HTML 1Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 2Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 3Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 4Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 5Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Description
MATRIX-M24SR
2/6
DocID025534 Rev 2
1
Description
The MATRIX-M24SR board features various antenna designs for M24SRXX-Y Dynamic
NFC/RFID tag IC family combined on a single ready-to-use divisible PCB.
Each individual antenna features an M24SR64-Y Dynamic NFC/RFID tag IC connected to
an RF antenna on one side, and to an I2C bus on the other side.
All antennas are populated with M24SR64-Y Dynamic NFC/RFID tag IC but are applicable
to other densities.
The MATRIX-M24SR antenna matrix allows system designers to evaluate the M24SRXX-Y
family performance and capabilities and to get started with their design.
The MATRIX-M24SR gerber files can be downloaded from http://www.st.com.
Figure 1. ANT1, ANT2, ANT7, ANT13 and ANT14 block diagram



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com