Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPAT1205 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

No. de pieza TPAT1205
Descripción Electrónicos  1W 3KVDC Isolated Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT1205 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPAT1205 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT1205 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT1205 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT1205 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPAT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
10 PIN SMD
Pin
Function
Add suffix “X” function
1
-Vin
-Vin
3
+Vin
+Vin
5
NA
No Pin
7
OV
OV
9
-Vout
-Vout
10
NA
No Pin
12
+Vout
+Vout
14
NA
No Pin
16
NA
No Pin
18
NA
NA
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in mm±0.5mm.
Tube length: 475mm±2.0mm
Tube Quantity: 25PCS
SMD Package
All dimensions in mm ±0.25mm. All pins on a 2.54 pitch.
Weight: 1.53g
NA - Not available for electrical connection.
( Magnification of A )
S SEATING PLANE
0.15 S
16.24
10.16
8.00 11.00±0.2
3.04
2.54
0.60
0.25
7.00±0.5
11.00
5.50
5.50
1.50±0.1
0.25
TPAT0505
YYWW
13
57 9
18 16 14 12 10
TOPPOWER
11.60
1.00
1.60
10.16
2.54
0.60MAX
16.00
6.60
11.60
2.00
4.00
1.50
+0.10
-0.00
1.75
14.20
32.00±0.30
13.20
330MAX
13.00±0.25
38.4MAX
32.0
100.00MIN
0.60± 0.15
10.40
3.80
14.95
5.3
TOPPOWER



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com