| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530ECBBALPD Datasheet(PDF) 118 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBALPD Datasheet(HTML) 118 Page - Texas Instruments |
|
118 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-28. CBB Package Feed-Through Balls (continued) NC No Connect AB1 AG1 pop_ab1_ag1 NC No Connect AB2 NA NA NC No Connect AB22 NA NA NC No Connect AB23 AG28 pop_ab23_ag28 NC No Connect AC1 AH1 pop_ac1_ah1 NC No Connect AC2 AH2 pop_ac2_ah2 NC No Connect AC22 AH27 pop_ac22_ah27 NC No Connect AC23 AH28 pop_ac23_ah28 NC No Connect B1 B1 pop_b1_b1 NC No Connect B2 NA NA NC No Connect B22 NA NA NC No Connect B23 B28 pop_b23_b28 f-rst#, rp# Flash reset AB11 AG13 pop_ab11_ag13 d-tq DDR temperature alert AC14 AH16 pop_ac14_ah16 vss Shared Ground AA2 AA2 pop_aa2_aa2 vss Shared Ground U2 AF2 pop_u2_af2 vss Shared Ground AA22 AF27 pop_aa22_af27 vss Shared Ground AB8 AG10 pop_ab8_ag10 vss Shared Ground AB13 AG15 pop_ab13_ag15 vss Shared Ground B12 B15 pop_b12_b15 vss Shared Ground H22 J27 pop_h22_j27 vss Shared Ground K2 M2 pop_k2_m2 vss Shared Ground K22 M26 pop_k22_m26 vss Shared Ground L2 N2 pop_l2_n2 118 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |