| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530ECBBALPD Datasheet(PDF) 119 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBALPD Datasheet(HTML) 119 Page - Texas Instruments |
|
119 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 3 ELECTRICAL CHARACTERISTICS 3.1 Power Domains The OMAP3530/25 device integrates enhanced features that dynamically adapt energy consumption according to application needs and performance requirements. The OMAP3530/25 device includes an enhanced power-management scheme based on: • Nine independent functional voltage domains on chip partitioning • Multiple voltage domains • Voltage scaling support • Enhanced memory retention support • Optimized device off mode • Centralized management of power, reset, and clock The external power supplies of OMAP3530/25 are: • vdd_mpu _iva for the ARM and IVA2.2 processors • vdd_core for macros • vdds for IO macros • vdds_mem for memory macros • vdds_sram for SRAM LDOs • vdds_dpll_dll for DLL IO • vdds_dpll_per for peripheral DPLLs • vdds_wkup_bg for wakeup LDO and VDDA (2 LDOs: SRAM and BandGap) • vdda_dac for video DAC • vdds_mmc1 and vdds_mmc1a for MMC IO • The supply voltages are detailed in Table 3-3. Figure 3-1 illustrates the power domains: Copyright © 2008–2013, Texas Instruments Incorporated ELECTRICAL CHARACTERISTICS 119 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |