Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M24C32-RMB6TP Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza M24C32-RMB6TP
Descripción Electrónicos  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RMB6TP Datasheet(HTML) 4 Page - STMicroelectronics

  M24C32-RMB6TP Datasheet HTML 1Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 2Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 3Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 4Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 5Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 6Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 7Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 8Page - STMicroelectronics M24C32-RMB6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
M24C64, M24C32
4/26
SUMMARY DESCRIPTION
These I2C-compatible electrically erasable pro-
grammable memory (EEPROM) devices are orga-
nized as 8192 x 8 bits (M24C64) and 4096 x 8 bits
(M24C32).
Figure 2. Logic Diagram
I2C uses a two-wire serial interface, comprising a
bi-directional data line and a clock line. The devic-
es carry a built-in 4-bit Device Type Identifier code
(1010) in accordance with the I2C bus definition.
The device behaves as a slave in the I2C protocol,
with all memory operations synchronized by the
serial clock. Read and Write operations are initiat-
ed by a Start condition, generated by the bus mas-
ter. The Start condition is followed by a Device
Select Code and Read/Write bit (RW) (as de-
scribed in Table 3.), terminated by an acknowl-
edge bit.
When writing data to the memory, the device in-
serts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a Stop condition after an Ack for Write, and after a
NoAck for Read.
Table 2. Signal Names
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
Write operations during Power-up, a Power On
Reset (POR) circuit is included. At Power-up, the
internal reset is held active until VCC has reached
the Power On Reset (POR) threshold voltage, and
all operations are disabled – the device will not re-
spond to any command. In the same way, when
VCC drops from the operating voltage, below the
Power On Reset (POR) threshold voltage, all op-
erations are disabled and the device will not re-
spond to any command.
A stable and valid VCC (as defined in Table 9. and
Table 10.) must be applied before applying any
logic signal.
Figure 3. DIP, SO, TSSOP and UFDFPN
Connections
Note: See PACKAGE MECHANICAL section for package dimen-
sions, and how to identify pin-1.
AI01844B
3
E0-E2
SDA
VCC
M24C64
M24C32
WC
SCL
VSS
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI01845C
M24C64
M24C32
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26