| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STBC02JR Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBC02JR Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 39 page ![]() Operation description STBC02 34/39 DocID029261 Rev 2 restored only by disconnecting and reconnecting back again a valid input voltage source on the VIN pin. 8.15 Reverse current protection When the input voltage (VIN) is higher than VUVLO, but lower than the battery voltage VBAT (VUVLO < VIN < VBAT) the current path from BAT to IN is opened so to stop any reverse current flowing from the battery to the input voltage source. This event is signaled through the CHG flag. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |