Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LXM Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

No. de pieza LXM
Descripción Electrónicos  LXMSeries
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHEMI-CON [United Chemi-Con, Inc.]
Página de inicio  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

LXM Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  LXM Datasheet HTML 1Page - United Chemi-Con, Inc. LXM Datasheet HTML 2Page - United Chemi-Con, Inc. LXM Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
℃
LXM
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD
×L(mm) tanδ
Rated ripple
current
(Arms/
105℃,120Hz)
Part No.
160
330
390
470
470
560
560
680
680
680
820
820
820
1,000
1,000
1,200
1,200
1,200
1,500
1,500
1,800
1,800
2,200
270
330
390
390
470
470
560
560
560
680
680
680
820
820
1,000
1,000
1,000
1,200
1,200
1,500
1,500
1,800
2,200
220
270
330
330
390
390
470
470
470
560
560
560
680
680
820
820
1,000
1,000
1,200
1,200
1,500
1,800
22
×25
22
×30
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
25.4
×45
30
×35
25.4
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×50
22
×25
22
×30
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×30
30
×25
22
×45
25.4
×35
30
×30
25.4
×40
30
×35
25.4
×50
30
×35
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
22
×25
22
×30
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×30
30
×25
22
×45
25.4
×35
30
×30
25.4
×40
30
×30
25.4
×45
30
×35
30
×45
35
×30
30
×50
35
×40
35
×45
35
×50
22
×25
22
×30
22
×35
25.4
×25
22
×40
25.4
×30
22
×45
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
25.4
×45
30
×35
25.4
×50
30
×40
35
×30
30
×50
35
×40
35
×45
35
×50
22
×25
22
×30
22
×35
25.4
×25
22
×40
25.4
×30
22
×45
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
25.4
×45
30
×35
25.4×50
30
×40
35
×30
30
×45
35
×35
35
×40
35
×50
22
×25
22
×30
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
25.4
×30
30
×25
22
×45
25.4
×35
30
×30
25.4
×40
30
×35
35
×30
25.4
×50
30
×35
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
1.11
1.26
1.39
1.38
1.55
1.55
1.75
1.78
1.74
1.97
2.01
1.96
2.27
2.26
2.54
2.56
2.52
2.96
2.89
3.32
3.30
3.87
1.00
1.16
1.26
1.26
1.42
1.42
1.59
1.55
1.58
1.79
1.78
1.79
2.01
2.04
2.32
2.26
2.30
2.65
2.58
3.03
3.01
3.41
3.87
0.90
1.05
1.16
1.16
1.29
1.29
1.46
1.42
1.45
1.63
1.62
1.62
1.83
1.79
2.06
2.04
2.42
2.30
2.71
2.70
3.11
3.50
0.90
1.05
1.19
1.16
1.33
1.29
1.49
1.48
1.45
1.63
1.71
1.62
1.87
1.86
2.10
2.12
2.08
2.48
2.46
2.78
3.20
0.82
0.95
1.08
1.05
1.22
1.19
1.36
1.35
1.32
1.49
1.52
1.49
1.70
1.69
1.91
1.93
1.90
2.19
2.13
2.46
2.86
0.67
0.77
0.86
0.85
0.96
0.96
1.09
1.06
1.08
1.24
1.23
1.23
1.40
1.42
1.45
1.59
1.54
1.57
1.81
1.77
2.03
2.02
2.29
2.59
ELXM161VSN331MP25S
ELXM161VSN391MP30S
ELXM161VSN471MP30S
ELXM161VSN471MQ25S
ELXM161VSN561MP35S
ELXM161VSN561MQ30S
ELXM161VSN681MP40S
ELXM161VSN681MQ35S
ELXM161VSN681MR25S
ELXM161VSN821MP50S
ELXM161VSN821MQ40S
ELXM161VSN821MR30S
ELXM161VSN102MQ45S
ELXM161VSN102MR35S
ELXM161VSN122MQ50S
ELXM161VSN122MR40S
ELXM161VSN122MA30S
ELXM161VSN152MR45S
ELXM161VSN152MA35S
ELXM161VSN182MR50S
ELXM161VSN182MA40S
ELXM161VSN222MA50S
180
ELXM181VSN271MP25S
ELXM181VSN331MP30S
ELXM181VSN391MP30S
ELXM181VSN391MQ25S
ELXM181VSN471MP35S
ELXM181VSN471MQ30S
ELXM181VSN561MP40S
ELXM181VSN561MQ30S
ELXM181VSN561MR25S
ELXM181VSN681MP45S
ELXM181VSN681MQ35S
ELXM181VSN681MR30S
ELXM181VSN821MQ40S
ELXM181VSN821MR35S
ELXM181VSN102MQ50S
ELXM181VSN102MR35S
ELXM181VSN102MA30S
ELXM181VSN122MR45S
ELXM181VSN122MA35S
ELXM181VSN152MR50S
ELXM181VSN152MA40S
ELXM181VSN182MA45S
ELXM181VSN222MA50S
200
ELXM201VSN221MP25S
ELXM201VSN271MP30S
ELXM201VSN331MP30S
ELXM201VSN331MQ25S
ELXM201VSN391MP35S
ELXM201VSN391MQ30S
ELXM201VSN471MP40S
ELXM201VSN471MQ30S
ELXM201VSN471MR25S
ELXM201VSN561MP45S
ELXM201VSN561MQ35S
ELXM201VSN561MR30S
ELXM201VSN681MQ40S
ELXM201VSN681MR30S
ELXM201VSN821MQ45S
ELXM201VSN821MR35S
ELXM201VSN102MR45S
ELXM201VSN102MA30S
ELXM201VSN122MR50S
ELXM201VSN122MA40S
ELXM201VSN152MA45S
ELXM201VSN182MA50S
220
220
270
330
330
390
390
470
470
470
560
560
560
680
680
820
820
820
1,000
1,000
1,200
1,500
180
220
270
270
330
330
390
390
390
470
470
470
560
560
680
680
680
820
820
1,000
1,200
100
120
150
150
180
180
220
220
220
270
270
270
330
330
330
390
390
390
470
470
560
560
680
820
ELXM221VSN221MP25S
ELXM221VSN271MP30S
ELXM221VSN331MP35S
ELXM221VSN331MQ25S
ELXM221VSN391MP40S
ELXM221VSN391MQ30S
ELXM221VSN471MP45S
ELXM221VSN471MQ35S
ELXM221VSN471MR25S
ELXM221VSN561MP50S
ELXM221VSN561MQ40S
ELXM221VSN561MR30S
ELXM221VSN681MQ45S
ELXM221VSN681MR35S
ELXM221VSN821MQ50S
ELXM221VSN821MR40S
ELXM221VSN821MA30S
ELXM221VSN102MR50S
ELXM221VSN102MA40S
ELXM221VSN122MA45S
ELXM221VSN152MA50S
250
ELXM251VSN181MP25S
ELXM251VSN221MP30S
ELXM251VSN271MP35S
ELXM251VSN271MQ25S
ELXM251VSN331MP40S
ELXM251VSN331MQ30S
ELXM251VSN391MP45S
ELXM251VSN391MQ35S
ELXM251VSN391MR25S
ELXM251VSN471MP50S
ELXM251VSN471MQ40S
ELXM251VSN471MR30S
ELXM251VSN561MQ45S
ELXM251VSN561MR35S
ELXM251VSN681MQ50S
ELXM251VSN681MR40S
ELXM251VSN681MA30S
ELXM251VSN821MR45S
ELXM251VSN821MA35S
ELXM251VSN102MA40S
ELXM251VSN122MA50S
315
ELXM3B1VSN101MP25S
ELXM3B1VSN121MP30S
ELXM3B1VSN151MP30S
ELXM3B1VSN151MQ25S
ELXM3B1VSN181MP35S
ELXM3B1VSN181MQ30S
ELXM3B1VSN221MP40S
ELXM3B1VSN221MQ30S
ELXM3B1VSN221MR25S
ELXM3B1VSN271MP45S
ELXM3B1VSN271MQ35S
ELXM3B1VSN271MR30S
ELXM3B1VSN331MQ40S
ELXM3B1VSN331MR35S
ELXM3B1VSN331MA30S
ELXM3B1VSN391MQ50S
ELXM3B1VSN391MR35S
ELXM3B1VSN391MA30S
ELXM3B1VSN471MR45S
ELXM3B1VSN471MA35S
ELXM3B1VSN561MR50S
ELXM3B1VSN561MA40S
ELXM3B1VSN681MA45S
ELXM3B1VSN821MA50S
WV
(Vdc)
Cap
(µF)
Case size
φD
×L(mm) tanδ
Rated ripple
current
(Arms/
105℃,120Hz)
Part No.
244
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2 3