| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VV6404 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VV6404 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 54 page ![]() Figure 9 : Resetting the VV6404 Sensor via the Serial Interface. FH 9H,6H,9H,6H... N 0 1 D[3:0] CLKI Frame Number SDA SCL 2 3 4 5 Start of Frame Line for the 1st frame of valid video data. Valid Video data. setup0[2] SR0-SR1 “Soft-Reset” Command. At the end of the command the sensor is reset and enters low-power mode. SR2 The sensor enters low-power mode. SR3-SR4 “Exit Low Power Mode” Command. Powers-up analogue circuits and initiates the VM6404 sensor’s 4-frame start-up sequence SR5-SR6 1 Frame of alternating 9H & 6H data on D[3:0] for the video processor to determine the best sampling phase for the nibble data (D[3:0]). SR7-SR8 4 Frames after the “Exit Low-Power mode” command, the sensor starts outputing valid video data. One frame of 9H & 6H data. FH setup0[0] |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |