| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC560P44L3 Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P44L3 Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 112 page ![]() SPC560P44Lx, SPC560P50Lx Package pinouts and signal descriptions Doc ID 14723 Rev 9 31/112 Figure 4. 100-pin LQFP pinout – Full featured configuration (top view) 2.2 Pin description The following sections provide signal descriptions and related information about the functionality and configuration of the SPC560P44Lx, SPC560P50Lx devices. 2.2.1 Power supply and reference voltage pins Table 5 lists the power supply and reference voltage for the SPC560P44Lx, SPC560P50Lx devices. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 NMI A[6] D[1] A[7] C[4] A[8] C[5] A[5] C[7] C[3] VSS_LV_COR0 VDD_LV_COR0 VDD_HV_IO1 VSS_HV_IO1 D[9] VDD_HV_OSC VSS_HV_OSC XTAL EXTAL RESET D[8] D[5] D[6] VSS_LV_COR3 VDD_LV_COR3 A[4] VPP_TEST D[14] C[14] C[13] D[12] VDD_HV_FL VSS_HV_FL D[13] VSS_LV_COR1 VDD_LV_COR1 A[3] VDD_HV_IO2 VSS_HV_IO2 TDO TCK TMS TDI A[2] C[12] C[11] D[11] D[10] A[1] A[0] LQFP100 Note: Availability of port pin alternate functions depends on product selection. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |