Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SPC570S40E3 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza SPC570S40E3
Descripción Electrónicos  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 9Page - STMicroelectronics SPC570S40E3 Datasheet HTML 10Page - STMicroelectronics SPC570S40E3 Datasheet HTML 11Page - STMicroelectronics SPC570S40E3 Datasheet HTML 12Page - STMicroelectronics SPC570S40E3 Datasheet HTML 13Page - STMicroelectronics SPC570S40E3 Datasheet HTML 14Page - STMicroelectronics SPC570S40E3 Datasheet HTML 15Page - STMicroelectronics SPC570S40E3 Datasheet HTML 16Page - STMicroelectronics SPC570S40E3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
DocID024492 Rev 6
13/68
SPC570S40Ex, SPC570S50Ex
Block diagram
67
Wakeup unit (WKPU)
The wakeup unit supports up to 18 external sources that can generate
interrupts or wakeup events, of which 1 can cause non-maskable interrupt
requests or wakeup events.
Crossbar (XBAR) switch
Supports simultaneous connections between two master ports and three slave
ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus
width.
Table 3. SPC570Sx series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68