| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72344S2 Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344S2 Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 247 page ![]() ST72344xx, ST2345xx Power-saving modes Doc ID 12321 Rev 6 67/247 system is enabled, can generate a Watchdog reset (see Section 11.1: Window watchdog (WWDG) for more details). Figure 28. Halt timing overview Figure 29. Halt mode flowchart Note: 1 WDGHALT is an option bit. See Section 15.1: Option bytes for more details. 2 Peripheral clocked with an external clock source can still be active. 3 Only some specific interrupts can exit the MCU from Halt mode (such as external interrupt). Refer to Table 17: Interrupt mapping for more details. 4 Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are set to the current software priority level of the interrupt routine and recovered when the CC register is popped. Halt Run Run 256 OR 4096 CPU cycle delay Reset or interrupt Halt instruction Fetch vector [MCCSR.OIE=0] RESET INTERRUPT 3) Y N N Y CPU OSCILLATOR PERIPHERALS 2) I[1:0] BITS OFF OFF 10 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON OFF XX 4) ON CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON ON XX 4) ON 256 OR 4096 CPU CLOCK DELAY WATCHDOG ENABLE DISABLE WDGHALT 1) 0 WATCHDOG RESET 1 CYCLE HALT INSTRUCTION (MCCSR.OIE=0) (AWUCSR.AWUEN=0) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |