Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 213 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 209Page - STMicroelectronics STM32L496AE Datasheet HTML 210Page - STMicroelectronics STM32L496AE Datasheet HTML 211Page - STMicroelectronics STM32L496AE Datasheet HTML 212Page - STMicroelectronics STM32L496AE Datasheet HTML 213Page - STMicroelectronics STM32L496AE Datasheet HTML 214Page - STMicroelectronics STM32L496AE Datasheet HTML 215Page - STMicroelectronics STM32L496AE Datasheet HTML 216Page - STMicroelectronics STM32L496AE Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 263 page
background image
DocID029173 Rev 2
213/263
STM32L496xx
Electrical characteristics
236
Figure 40. SAI slave timing waveforms
SDMMC characteristics
Unless otherwise specified, the parameters given in Table 99 for SDIO are derived from
tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 22: General operating conditions, with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output
characteristics.
Table 99. SD / MMC dynamic characteristics, VDD=2.7 V to 3.6 V(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
0
-
50
MHz
-
SDIO_CK/fPCLK2 frequency ratio
-
-
-
4/3
-
tW(CKL)
Clock low time
fPP = 50 MHz
8
10
-
ns
tW(CKH)
Clock high time
fPP = 50 MHz
8
10
-
ns
CMD, D inputs (referenced to CK) in MMC and SD HS mode
tISU
Input setup time HS
fPP = 50 MHz
2.5
-
-
ns
tIH
Input hold time HS
fPP = 50 MHz
2.5
-
-
ns
CMD, D outputs (referenced to CK) in MMC and SD HS mode
tOV
Output valid time HS
fPP = 50 MHz
-
12
13
ns
tOH
Output hold time HS
fPP = 50 MHz
10
-
-
ns
CMD, D inputs (referenced to CK) in SD default mode
tISUD
Input setup time SD
fPP = 25 MHz
3.5
-
-
ns
tIHD
Input hold time SD
fPP = 25 MHz
3.5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com