Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 211 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 207Page - STMicroelectronics STM32L496AE Datasheet HTML 208Page - STMicroelectronics STM32L496AE Datasheet HTML 209Page - STMicroelectronics STM32L496AE Datasheet HTML 210Page - STMicroelectronics STM32L496AE Datasheet HTML 211Page - STMicroelectronics STM32L496AE Datasheet HTML 212Page - STMicroelectronics STM32L496AE Datasheet HTML 213Page - STMicroelectronics STM32L496AE Datasheet HTML 214Page - STMicroelectronics STM32L496AE Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 263 page
background image
DocID029173 Rev 2
211/263
STM32L496xx
Electrical characteristics
236
SAI characteristics
Unless otherwise specified, the parameters given in Table 98 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage condi-
tions summarized inTable 22: General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (CK,SD,FS).
Table 98. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCLK
SAI Main clock output
-
-
50
MHz
fCK
SAI clock frequency(2)
Master transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-21.5
MHz
Master transmitter
1.71 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-13.5
Master receiver
Voltage Range 1
-25
Slave transmitter
2.7 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-20
Slave transmitter
1.71 V ≤ VDD ≤ 3.6 V
Voltage Range 1
-13.5
Slave receiver
Voltage Range 1
-25
Voltage Range 2
-
13
1.08 V ≤ VDD ≤ 1.32 V
-
7
tv(FS)
FS valid time
Master mode
2.7 V ≤ VDD ≤ 3.6 V
-22
ns
Master mode
1.71 V ≤ VDD ≤ 3.6 V
-40
th(FS)
FS hold time
Master mode
10
-
ns
tsu(FS)
FS setup time
Slave mode
1
-
ns
th(FS)
FS hold time
Slave mode
2
-
ns
tsu(SD_A_MR)
Data input setup time
Master receiver
1
-
ns
tsu(SD_B_SR)
Slave receiver
1
-
th(SD_A_MR)
Data input hold time
Master receiver
5
-
ns
th(SD_B_SR)
Slave receiver
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com