Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 238 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 238 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 234Page - STMicroelectronics STM32L496AE Datasheet HTML 235Page - STMicroelectronics STM32L496AE Datasheet HTML 236Page - STMicroelectronics STM32L496AE Datasheet HTML 237Page - STMicroelectronics STM32L496AE Datasheet HTML 238Page - STMicroelectronics STM32L496AE Datasheet HTML 239Page - STMicroelectronics STM32L496AE Datasheet HTML 240Page - STMicroelectronics STM32L496AE Datasheet HTML 241Page - STMicroelectronics STM32L496AE Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 263 page
background image
Package information
STM32L496xx
238/263
DocID029173 Rev 2
Figure 59. UFBGA169 - 169-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid
array recommended footprint
Note:
Non-solder mask defined (NSMD) pads are recommended.
Note:
4 to 6 mils solder paste screen printing process.
b
0.230
0.280
0.330
0.0091
0.0110
0.0130
D
6.950
7.000
7.050
0.2736
0.2756
0.2776
D1
5.950
6.000
6.050
0.2343
0.2362
0.2382
E
6.950
7.000
7.050
0.2736
0.2756
0.2776
E1
5.950
6.000
6.050
0.2343
0.2362
0.2382
e
-
0.500
-
-
0.0197
-
F
0.450
0.500
0.550
0.0177
0.0197
0.0217
ddd
-
-
0.100
-
-
0.0039
eee
-
-
0.150
-
-
0.0059
fff
-
-
0.050
-
-
0.0020
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Table 121. UFBGA169 recommended PCB design rules (0.5 mm pitch BGA)
Dimension
Recommended values
Pitch
0.5 mm
Dpad
0.27 mm
Dsm
0.35 mm typ. (depends on the soldermask
registration tolerance)
Solder paste
0.27 mm aperture diameter.
Table 120. UFBGA169 - 169-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid
array package mechanical data (continued)
Symbol
millimeters
inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com