Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 234 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 234 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 230Page - STMicroelectronics STM32L496AE Datasheet HTML 231Page - STMicroelectronics STM32L496AE Datasheet HTML 232Page - STMicroelectronics STM32L496AE Datasheet HTML 233Page - STMicroelectronics STM32L496AE Datasheet HTML 234Page - STMicroelectronics STM32L496AE Datasheet HTML 235Page - STMicroelectronics STM32L496AE Datasheet HTML 236Page - STMicroelectronics STM32L496AE Datasheet HTML 237Page - STMicroelectronics STM32L496AE Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 263 page
background image
Electrical characteristics
STM32L496xx
234/263
DocID029173 Rev 2
6.3.30
SWPMI characteristics
The Single Wire Protocol Master Interface (SWPMI) and the associated SWPMI_IO
transceiver are compliant with the ETSI TS 102 613 technical specification.
6.3.31
SD/SDIO MMC card host interface (SDIO) characteristics
Unless otherwise specified, the parameters given in Table 118 for the SDIO/MMC interface
are derived from tests performed under the ambient temperature, fPCLK2 frequency and VDD
supply voltage conditions summarized in Table 22, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output
characteristics.
Figure 56. SDIO high-speed mode
Table 117. SWPMI electrical characteristics
Symbol
Parameter
Conditions
Min
Typ Max Unit
tSWPSTART SWPMI regulator startup time
SWP Class B
2.7 V ≤ VDD ≤ 3,3V
-
-
300
μs
tSWPBIT
SWP bit duration
VCORE voltage range 1
500
-
-
ns
VCORE voltage range 2
620
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com