| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS2148 Datasheet(PDF) 26 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2148 Datasheet(HTML) 26 Page - Dallas Semiconductor |
|
26 / 75 page ![]() DS2148/Q48 26 of 75 SERIAL PORT OPERATION FOR READ ACCESS MODE 3 Figure 5-3 ICES = 0 (sample SDI on the rising edge of SCLK) OCES = 0 (update SDO on falling edge of SCLK) SERIAL PORT OPERATION FOR READ ACCESS MODE 4 Figure 5-4 ICES = 0 (sample SDI on the rising edge of SCLK) OCES = 1 (update SDO on rising edge of SCLK) 12 34 56 78 9 10 11 12 13 14 15 16 1 A0 A1 A2 A3 A4 0B D1 D2 D3 D4 D5 D6 SCLK SDI SDO CS* (lsb) (msb) D0 (lsb) D7 (msb) 1 2 34 5 6 78 9 10 11 12 13 14 15 16 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 D0 1 A0 A1 A2 A3 A4 0 B D0 D0 D0 D0 D0 D0 SCLK SDI SDO CS* (lsb) (msb) D0 (lsb) (msb) D1 D2 D3 D4 D5 D6 D0 D7 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |