Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS4C8M16S Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

No. de pieza AS4C8M16S
Descripción Electrónicos  Programmable Mode registers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALSC [Alliance Semiconductor Corporation]
Página de inicio  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M16S Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4C8M16S Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
AS4C8M16S
Confidential
5
Rev. 2
Feb. /2014
LDQM,
UDQM
Input
Data Input/Output Mask: Controls output buffers in read mode and masks
Input data in write mode.
DQ0-DQ15
Input /
Output
Data I/O: The DQ0-15 input and output data are synchronized with the positive
edges of CLK. The I/Os are maskable during Reads and Writes.
NC/RFU
-
No Connect: These pins should be left unconnected.
VDDQ
Supply
DQ Power: Provide isolated power to DQs for improved noise immunity.
( 3.3V
 0.3V )
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
( 0 V )
VDD
Supply
Power Supply: +3.3V
 0.3V
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com