Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS4C16M16S Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

No. de pieza AS4C16M16S
Descripción Electrónicos  Programmable Mode registers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALSC [Alliance Semiconductor Corporation]
Página de inicio  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C16M16S Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4C16M16S Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C16M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
AS4C16M16S
Confidential
1
Rev 3
Feb. 2014
16M x 16 bit Synchronous DRAM (SDRAM)
Confidential
Advanced (Rev. 1.4, Feb. /2012)
Features
 Fast access time from clock: 5.4/5.4 ns
 Fast clock rate: 166/143 MHz
 Fully synchronous operation
 Internal pipelined architecture
 4M word x 16-bit x 4-bank
 Programmable Mode registers
- CAS Latency: 2, or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
- Burst stop function
 Auto Refresh and Self Refresh
 8192 refresh cycles/64ms
 CKE power down mode
 Single +3.3V power supply
 Interface: LVTTL
 Operating temperature range
- Commercial (0 ~ 70°C)
- Industrial (-40 ~ 85°C)
- Automotive (-40 ~ 105°C)
 54-pin 400 mil plastic TSOP II package
 54-ball 8.0 x 8.0 x 1.2mm (max) FBGA package
All parts fully ROHS Compliant
Overview
T
he 256Mb SDRAM is a high-speed CMOS
synchronous DRAM containing 256 Mbits. It is
internally configured as 4 Banks of 4M word x 16
DRAM with a synchronous interface (all signals are
registered on the positive edge of the clock signal,
CLK). Read and write accesses to the SDRAM are
burst oriented; accesses start at a selected location
and continue for a programmed number of locations in
a programmed sequence. Accesses begin with the
registration of a BankActivate command which is then
followed by a Read or Write command.
The SDRAM provides for programmable Read or
Write burst lengths of 1, 2, 4, 8, or full page, with a
burst termination option. An auto precharge function
may be enabled to provide a self-timed row precharge
that is initiated at the end of the burst sequence. The
refresh functions, either Auto or Self Refresh are easy
to use. By having a programmable mode register, the
system can choose the most suitable modes to
maximize its performance. These devices are well
suited
for
applications
requiring
high
memory
bandwidth and particularly well suited to high
performance PC applications.
Table 1. Key Specifications
AS4C16M16S
-6/7
tCK3
Clock Cycle time (min.)
6/7 ns
tAC3
Access time from CLK (max.)
5.4/5.4 ns
tRAS
Row Active time (min.)
42/49 ns
tRC
Row Cycle time (min.)
60/63 ns
Table 2. Ordering Information
Part Number
Frequency
Package
AS4C16M16S-7TCN
143 MHz
54 pin TSOP II
AS4C16M16S-6TCN
166 MHz
54 pin TSOP II
AS4C16M16S-6TIN
166 MHz
54 pin TSOP II
AS4C16M16S-6BIN
166 MHz
54 ball TFBGA
AS4C16M16S-7BCN
143 MHz
54 ball TFBGA
AS4C16M16S-6TAN
166 MHz
54 pin TSOP II
T : indicates TSOP II package
B : indicates TFBGA package
N : indicates Pb free and Halogen free – ROHS compliant parts
C: Commercial I: Industrial A: Automotive temperatures


Número de pieza similar - AS4C16M16S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alliance Semiconductor ...
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
Fully synchronous operation
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 54P
Fully synchronous operation
AS4C16M16SA-6BIN ALSC-AS4C16M16SA-6BIN Datasheet
1Mb / 55P
Operating temperature range
AS4C16M16SA-6TCN ALSC-AS4C16M16SA-6TCN Datasheet
1Mb / 55P
256M ??(16Mx16bit) Synchronous DRAM (SDRAM)
More results

Descripción similar - AS4C16M16S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54F651SDM NSC-54F651SDM Datasheet
188Kb / 10P
Transceivers/Registers
logo
NXP Semiconductors
74F399 PHILIPS-74F399 Datasheet
88Kb / 10P
Registers
1999 Jan 08
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
Transceivers/registers
1999 Jun 23
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
Transceivers/Registers
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
Transceivers/Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Alliance Semiconductor ...
AS4C1M16S-CI ALSC-AS4C1M16S-CI Datasheet
1Mb / 54P
Programmable Mode registers
AS4C4M32S ALSC-AS4C4M32S Datasheet
1Mb / 46P
Programmable Mode
AS4C8M16S ALSC-AS4C8M16S Datasheet
1Mb / 55P
Programmable Mode registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com