Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LDP01-26AY Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza LDP01-26AY
Descripción Electrónicos  Automotive TVS for load dump protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP01-26AY Datasheet(HTML) 3 Page - STMicroelectronics

  LDP01-26AY Datasheet HTML 1Page - STMicroelectronics LDP01-26AY Datasheet HTML 2Page - STMicroelectronics LDP01-26AY Datasheet HTML 3Page - STMicroelectronics LDP01-26AY Datasheet HTML 4Page - STMicroelectronics LDP01-26AY Datasheet HTML 5Page - STMicroelectronics LDP01-26AY Datasheet HTML 6Page - STMicroelectronics LDP01-26AY Datasheet HTML 7Page - STMicroelectronics LDP01-26AY Datasheet HTML 8Page - STMicroelectronics LDP01-26AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID026556 Rev 2
3/11
LDP01-xxAY
Characteristics
11
Table 4. Electrical characteristics (parameter)
Order code
IRM max. at VRM
VBR at IR
(1)
VCL at IPP
10/1000 µs
RD
(2)
10/1000
µs
VCL at IPP
8/20 µs
RD
(2)
8/20 µs
⍺ T(3)
25 °C 175 °C
min. typ. max.
max.
max.
max.
µA
V
V
mA
V
A
m
Ω
VA
m
Ω 10-4/°C
LDP01-26AY
1
100
22 24.4
26
27.0
1
36
140
64
42
1400
11
9.6
LDP01-28AY
1
100
24 26.7
28
29.5
1
40
120
88
45
1250
12
9.7
LDP01-30AY
1
100
27 28.9
30
31.9
1
40
125
65
49
1400
12
9.7
LDP01-33AY
1
100
28 31.1
33
34.3
1
43.5
110
75
56
1250
17
9.8
LDP01-35AY
1
100
30 33.3
35
36.9
1
45.5
95
91
60
1150
20
9.9
LDP01-39AY
1
100
33 36.7
39
40.5
1
51.5
85
129
66
1050
24
10
LDP01-42AY
1
100
36
40
42
44.2
1
57
77
166
71
1000
27
10
LDP01-47AY
1
100
40 44.4
47
49
1
63
65
215
76.5
950
29
10.1
LDP01-50AY
1
100
43 47.8
50
52.8
1
68
55
276
81
900
31
10.2
LDP01-56AY
1
100
48 53.3
56
58.9
1
76
48
356
90
770
40
10.3
LDP01-68AY
1
100
58 64.4
68
71.2
1
92
42
495
110
620
63
10.4
LDP01-82AY
1
100
70 77.8
82
86
1
113
35
771
135
550
89
10.5
1.
Pulse test: tP < 50 ms
2.
To calculate maximum clamping voltage at other surge level, use the following formula: VCLmax = RD x IPP + VBRmax
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR at Tj = VBR at 25 °C x (1 + ⍺ T x (Tj - 25))
VCL at Tj = VCL at 25 °C x (1 + ⍺ T x (Tj - 25))
Figure 3. Peak pulse power dissipation versus
initial junction temperature (LDP01-30AY)
Figure 4. Peak pulse power versus exponential
pulse duration (LDP01-30AY)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
200
P PP (kW)
Tj(°C )
10/1000 µs
TJ initial = 25 C
LDP01-30AY
0.1
1
10
100
1000
0.01
0.1
1
10
100
PPP (kW)
tp (ms)
TJ initial = 25 °C
LDP01-30AY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com