Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LDP01-47AY Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza LDP01-47AY
Descripción Electrónicos  Automotive TVS for load dump protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP01-47AY Datasheet(HTML) 4 Page - STMicroelectronics

  LDP01-47AY Datasheet HTML 1Page - STMicroelectronics LDP01-47AY Datasheet HTML 2Page - STMicroelectronics LDP01-47AY Datasheet HTML 3Page - STMicroelectronics LDP01-47AY Datasheet HTML 4Page - STMicroelectronics LDP01-47AY Datasheet HTML 5Page - STMicroelectronics LDP01-47AY Datasheet HTML 6Page - STMicroelectronics LDP01-47AY Datasheet HTML 7Page - STMicroelectronics LDP01-47AY Datasheet HTML 8Page - STMicroelectronics LDP01-47AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
LDP01-xxAY
4/11
DocID026556 Rev 2
Figure 5. ISO7637-2, pulse 5a definition
Figure 6. Load dump capability (LDP01-30AY
Us = f(Ri) pulse 5a)
13.5 V
10%
td
13.5 V
Battery voltage
t
Us
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
td
=
300
ms
td
=
400
ms
td
=
150
ms
13.5 V + Us (V)
13.5+30 13.5+35 13.5+40 13.5+45 13.5+50 13.5+55 13.5+60 13.5+65 13.5+70 13.5+75
Figure 7. ISO7637-2, pulse 5b definition
Figure 8. Load dump capability (LDP01-30AY
Us* = f(Ri) pulse 5b, Us = 87 V)
13.5 V
10%
Us
td
0
Battery voltage
t
Us
*
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
13.5 V + Us* (V)
13.5+20 13.5+25 13.5+30 13.5+35 13.5+40 13.5+45 13.5+50 13.5+55 13.5+60 13.5+65
Figure 9. ISO 16750-2, test A definition
Figure 10. Load dump capability (LDP01-30AY
Us = f(Ri), Test A)
0.1 (Us – U
A)
Us
td
U
A
Battery voltage
t
0
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
30
35
40
45
50
55
60
65
70
75
80
85
90
Us (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com